Part Number Hot Search : 
S5AC1 BRF106 2SK32 GA4F4Z 06300 06300 2SK32 2SK32
Product Description
Full Text Search
 

To Download US1DE Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  us1a e thru us1m e 1 amp ultra fast rectifier 50 to 1000 volts features maximum ratings ? operating temperature: -50 c to +150 c ? storage temperature: -50 c to +150 c ? maximum thermal resistance; 30 c/w junction to lead mcc catalog number device marking maximum recurrent peak reverse voltage maximum rms voltage maximum dc blocking voltage us1a e us1a 50v 35v 50v us1b e us1 b 1 00 v 70v 100v us1d e us1d 200v 140v 200v us1g e us1g 400v 280v 400v us1j e us1j 600v 420v 600v us1k e us1k 800v 560v 800v electrical characteristics @ 25 c unless otherwise specified average forward current i f(av) 1.0a t l = 75 c peak forward surge current i fsm 30a 8.3ms, half sine maximum instantaneous forward voltage v f 1.0v 1.4v 1.7v i fm = 1.0a; t j = 25 c typical junction capacitance c j 20pf 17pf measured at 1.0mhz, v r =4.0v maximum dc reverse current at rated dc blocking voltage i r 10ua 100ua t a = 25 c t a = 100 c maximum reverse recovery time t rr i f =0.5a, i r =1.0a, i rr =0.25a                       75ns                                                                                                               us1 m e us1m 1000v 70 0v 10 00v us1 c e us1c 150 v 105 v 15 0v  
 omp onents 20736 marilla street chatsworth       
     mcc tm micro commercial components ? ultra fast switching for high efficiency ? for surface mounted applications ? low forward voltage drop and high current capability ? low reverse leakage current www. mccsemi .com 1 of 4 (smae) 0.070 0.090 0.085 suggested solder pad lay ou t h j e g a b d c cathode band dimensions inches mm dim min max min max note a .079 .096 2.01 2.44 b .050 .075 1.27 1.90 c .002 .008 .05 .20 d --- .02 --- .51 e .030 .060 .76 1.52 g .189 .208 4.80 5.30 h .157 .180 4.00 4.57 j .090 .115 2.29 2.92 us1ae-1de us1ge us1je-1me 50ns us1ae-1ge us1je-1me us1ae-1ge us1je-1me ? lead free finish/rohs compliant(note 1) ("p" suffix designates rohs compliant. see ordering information) notes: 1. high temperature solder exemption applied, see eu directive annex notes 7 revision: a 2011/01/01 epoxy meets ul 94 v-0 flammability rating moisture sensitivity level 1
us1a e thru us1 m e ag ad rtiid nt versus eeerure ure rrerurve eseve essveruve s seusrrurreeres versus seusrres ure rrrerss s s ure ue ue versus eversees s e s1 e 1 e s1 e s1 e 1 m e m mi ia nnt i riin 1111
us1a e thru us1 m e t 1 1 st i a 1n d 1 ? ? ?
mcc tm micro commercial components mccsemi com 4 of 4 revision: 2011/01/01 3 device packing part number-tp tape&reel: 6kpcs/reel ordering information : *** i m p o r t a n t n o t ic e * ** m i c r o c o m m e r c i a l c o m p on e n ts c o r p . r e s e rve s t h e r i g h t t o m a k e c h a n g e s w i t ho u t f u r t h e r no t i c e t o a n y p r o d u c t h e r e i n t o m a k e c o rr e c t i o n s , m o d i f i c a t i o n s , e n h a n c e m e n t s , i m pr o v e m e n t s , o r o t h e r ch a n g e s . m i c r o c o m m e r c i a l c o mp o n e n ts c o r p . d o e s n o t a s s u m e a n y l i a b i l i t y a r i s i n g ou t o f t h e a p p l i c a t i on o r u s e o f a n y p r o d uc t d e sc r i be d h e r e i n ; n e i t h e r d o e s i t c o n v e y a n y li c e n s e un der i t s p a t e n t r i g h t s , n o r t h e r i g h t s o f o t h e r s . t h e u s e r o f pr o d uc t s i n s u c h a p p l i c a t i o n s sh a l l a ss u m e a l l r i s k s o f su c h u s e a n d w ill a g r ee t o h o l d m i c r o c o mm er c i a l c o m p o n e n t s c o r p . a n d a ll t h e c o m p a n i e s w ho s e p r o d u c t s a r e r e p r e s e n t ed o n ou r w e b s i t e , h a r m l e s s a g a i n s t a l l d a m a g e s. * * * l i f e s u p p o r t *** m c c ' s pr o d uc t s a r e n o t a u t h o r iz ed f o r u s e a s c r i t i c a l c o m p o n e n t s i n l i f e s u pp o r t d e v i c e s o r s y s t e m s w i t h ou t t h e e x pre ss wr i tt e n a p p r o v a l o f m i c r o c o mm e r c i a l c o m p o n e n t s c o rp o r a t i o n. * * * c u s t o m e r a w a r e n e ss*** c o un t e r f e i t i n g o f s e m i c o n d u c t o r p a r t s i s a gr o w i n g p r o b l e m i n t h e i n d u s t ry . m i c r o c o mm e r c i a l c o m p o n e n t s ( m cc ) i s t a k i n g s t r o n g m e a su r e s t o p r o t e c t ou r s e l v e s a n d o u r cu s t o m e r s f r o m t h e pr o l i f e r a t i on o f c o u n t e r f e i t p a r t s . m c c s t r o n g l y e nc o u r a g e s c u s t o m e r s t o p u r c h a s e m c c p a r t s e i t h e r d i r e c t l y f r o m m c c o r f r o m a u t ho r i z e d m c c d i s t r i b u t o r s w ho a r e l i s t e d b y c o u n t r y o n o u r w e b p a g e c i t ed below . p r o d uc t s c us t o m e r s b u y e i t h e r f r o m m c c d i r e c t l y o r f r o m a u t ho r i z e d m cc d i s t r i b u t o r s a r e g e n u i n e p a r t s , h a v e f ul l t r a c e a b il i t y , m e e t m c c ' s q u a l i t y s t a n d a r d s f o r h a n d li n g a n d s t o r a g e . m c c wi l l n o t p r o v i d e a n y w a rr a n ty c o v e r a g e o r o t h e r a s s i s t a n c e f o r p a r ts b o u g h t f r o m u n a u t h o r i z e d s o u r c e s. m c c i s c o m m i t t e d t o c o m b a t t h i s g l o b a l pr o b l e m a n d e n c ou r a g e o u r c u s t o m e r s t o d o t h e i r p a r t in s t o p p i n g t h i s p r a c t i c e b y b u y i n g d i r e c t o r f r o m a u t h o r i z ed d i s t r i b u t o r s.


▲Up To Search▲   

 
Price & Availability of US1DE

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X